Part Number Hot Search : 
M78L0 BC214C 71418 13003X AA1A3QC N74ACT 74VCX16 60125
Product Description
Full Text Search
 

To Download BTD1768S3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c304s3 issued date : 2009.11.19 revised date : page no. : 1/6 BTD1768S3 cystek product specification general purpose npn epitaxial planar transistor bv ceo 80v BTD1768S3 i c 1a r cesat(max) 0.5 description the BTD1768S3 is designed for use in driver and out put stages of af amplifier and general purpose application. features ? low collector saturation voltage ? high breakdown voltage, v ceo =80v (min.) ? high collector current, i c(max) =1a (dc) ? pb-free package symbol outline absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage v cbo 180 v collector-emitter voltage v ceo 80 v emitter-base voltage v ebo 7 v collector current (dc) i c 1 a collector current (pulse) i cp 2 (note) a power dissipation p d 200 mw thermal resistance, junction to ambient r ja 625 c/w operating junction temperature range tj -55~+150 c storage temperature tstg -55~+150 c note : pulse test, p w 10ms, duty 2%. BTD1768S3 sot-323 b base c collector e emitter
cystech electronics corp. spec. no. : c304s3 issued date : 2009.11.19 revised date : page no. : 2/6 BTD1768S3 cystek product specification characteristics (ta=25 c) symbol min. typ. max. unit test conditions bv cbo 180 - - v i c =50 a bv ceo 80 - - v i c =1ma bv ebo 7 - - v i e =50 a i cbo - - 100 na v cb =180v, i e =0 i ebo - - 100 na v eb =7v, i c =0 *v ce(sat) 1 - 0.15 0.3 v i c =500ma, i b =20ma *v ce(sat) 2 - 0.3 0.5 v i c =1a, i b =50ma *v be(sat) - 0.96 1.2 v i c =1a, i b =50ma *v be(on) 0.6 0.66 0.7 v v ce =2v, i c =50ma *h fe 1 180 - 560 - v ce =2v, i c =100ma *h fe 2 60 - - - v ce =2v, i c =500ma *h fe 3 20 - - - v ce =2v, i c =1a f t - 250 - mhz v ce =10v, i c =50ma, f=100mhz cob - 6 15 pf v cb =10v, i e =0a, f=1mhz *pulse test: pulse width 380 s, duty cycle 2% classification of h fe 1 rank r s range 180~390 270~560 ordering information device package shipping BTD1768S3 sot-323 (pb-free lead plating an d halogen-free package) 3000 pcs / tape & reel
cystech electronics corp. spec. no. : c304s3 issued date : 2009.11.19 revised date : page no. : 3/6 BTD1768S3 cystek product specification characteristic curves current gain vs collector current 10 100 1000 1 10 100 1000 collector current ---ic(ma) current gain---hfe hfe vce=5v vce=2v vce=1v saturation voltage vs collector current 10 100 1000 1 10 100 1000 collector current ---ic(ma) saturation voltage-(mv) vcesat ic=10ib ic=25ib ic=20ib saturation voltage vs collector current 100 1000 10000 1 10 100 1000 10000 collector current--- ic(ma) saturation voltage-(mv) vbesat@ic=20ib on voltage vs collector current 100 1000 10000 1 10 100 1000 10000 collector current--- ic(ma) on voltage-(mv) vbeon@vce=2v power derating curve 0 0.05 0.1 0.15 0.2 0.25 0 25 50 75 100 125 150 175 200 ambient temperature---ta() power dissipation---pd(w)
cystech electronics corp. spec. no. : c304s3 issued date : 2009.11.19 revised date : page no. : 4/6 BTD1768S3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c304s3 issued date : 2009.11.19 revised date : page no. : 5/6 BTD1768S3 cystek product specification recommended wave soldering condition soldering time product peak temperature pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds 183 c 60-150 seconds time maintained above: ? temperature (t l ) 217 c ? time (t l ) 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak 10-30 seconds 20-40 seconds temperature(tp) ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c304s3 issued date : 2009.11.19 revised date : page no. : 6/6 BTD1768S3 cystek product specification sot-323 dimension inches marking: te a j 3-lead sot-323 plastic surface mounted package cystek package code: s3 style: pin 1.base 2.emitter 3.collector he e a a1 q lp e1 e bp 12 3 d w b v a z detail z a c 0 12 scale mm millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.0315 0.0433 0.80 1.10 e1 0.0256 - 0.65 - a1 0.0000 0.0039 0.00 0.10 he 0.0787 0.0886 2.00 2.25 bp 0.0118 0.0157 0.30 0.40 lp 0.0059 0.0177 0.15 0.45 c 0.0039 0.0098 0.10 0.25 q 0.0051 0.0091 0.13 0.23 d 0.0709 0.0866 1.80 2.20 v 0.0079 - 0.2 - e 0.0453 0.0531 1.15 1.35 w 0.0079 - 0.2 - e 0.0512 - 1.3 - - - 10 0 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of BTD1768S3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X